Part Number Hot Search : 
TS4148RY LM2576BM SS24L SK1050PM BD4932G CTH7VF 5150M 5150M
Product Description
Full Text Search
 

To Download BL-PDR-SJB-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
DOMILED Black Surface BL-PDx-xJB Series
*
Feature: 1. High brightness surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. 4. Black coated surface for superior contrast. 5. Qualified according to JEDEC moisture sensitivity Level 2. 6. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.2 Page: 1 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
DOMILED Black Surface BL-PDx-xJB Series
Optical Characteristics:
Chip Technology / Color InGaN / Blue, 470 nm Viewing angle 120 Luminous Intensity @ If = 20mA Iv ( mcd ) 45.0 ... 112.5
45.0 56.0 71.5 90.0 ... 56.0 ... 71.5 ... 90.0 ... 112.5
Part Number BL-PDB-CJB-C10
* * * * BIN P1 BIN P2 BIN Q1 BIN Q2
BL-PDB-SJB-C10
* * * BIN Q1 BIN Q2 BIN R1 BIN R2
71.5 ... 180.0
71.5 ... 90.0 90.0 ... 112.5 112.5 ... 140.0 140.0 ... 180.0
*
BL-PDR-CJB-C10
* * * * BIN Q1 BIN Q2 BIN R1 BIN R2
AlInGaP / Red, 625 nm
120
71.5 ... 180.0
71.5 ... 90.0 ... 112.5 ... 140.0 ... 90.0 112.5 140.0 180.0
BL-PDR-SJB-C10
* * * BIN R1 BIN R2 BIN S1 BIN S2
112.5 ... 285.0
112.5 ... 140.0 ... 180.0 ... 224.0 ... 140.0 180.0 224.0 285.0
*
BL-PDT-CJB-C10
* * * * BIN R1 BIN R2 BIN S1 BIN S2
InGaN / True Green, 525 nm
120
112.5 ... 285.0
112.5 ... 140.0 ... 180.0 ... 224.0 ... 140.0 180.0 224.0 285.0
BL-PDT-SJB-C10
* * * BIN S1 BIN S2 BIN T1 BIN T2
180.0 ... 450.0
180.0 ... 224.0 ... 285.0 ... 355.0 ... 224.0 285.0 355.0 450.0
* NOTE:
1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
V.2 Page: 2 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
DOMILED Black Surface BL-PDx-xJB Series
Absolute Maximum Ratings:
Maximum Value
DDB & DDT DDR
Parameter DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature )
Unit mA mA V C C C mW
20
DDB & DDT
30
DDR
200 5 125
1000
-40 ... +100 -40 ... +100
DDB & DDT DDR
85
75
*
Vf Binning: Forward voltage (V) InGaN 3.35 ... 4.25 3.35 ... 3.65 3.65 ... 3.95 3.95 ... 4.25 Forward Voltage (V) AlInGaP 1.55 ... 2.45 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45
Vf Bin @ 20mA Standard 01 02 03
*
Forward voltage, Vf is measured with an accuracy of 0.1 V.
Wavelength Grouping: Group
Full W X Y
Color
BL-PDB; Blue
Wavelength distribution (nm)
464 - 476 464 - 468 468 - 472 472 - 476 620 - 630 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536
BL-PDR; Red BL-PDT; True Green
Full Full W X Y Z
Wavelength is measured with an accuracy of 1 nm.
V.2 Page: 3 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
DOMILED Black Surface BL-PDx-xJB Series
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current (mA) vs. Forward Voltage
40 35
AlInGaP
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forward Current
Relative intensity. Normalized at 20 mA.
2.2 2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50
InGaN
Forward Current (mA)
30
AlInGaP
25 20 15 10 5 0 1 1.5 2 2.5 3 3.5 4 4.5 5
InGaN
FORWARD CURRENT (mA)
Forward Voltage (V)
Fig. 3 Radiation pattern.
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature.
35
AlInGaP
40
30
0.8
25
50
0.6
Forward Current, If
20
InGaN
15
60 70 80 90
0.4
10
0.2
5
0
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Fig. 5 Relative Intensity vs. Wavelength
Relative Spectral Emission
1.0 0.9 0.8 Blue
Fig. 6 Dominant Wavelength vs. Forward Current
Dominant Wavelength vs. Forward Current
476 475 540 538 536 True Green 534 532 530 Blue 528 526 524 522 520 0 5 10 15 20 25 30
Relative Intensity
0.7 0.6 0.5 Red 0.4 0.3 0.2 0.1 True Green
Dom. WL (nm)
800
474 473 472 471 470 469 468
0.0 400
450
500
550
600
650
700
750
Wavelength (nm)
IF (mA)
V.2 Page: 4 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
DOMILED Black Surface BL-PDx-xJB Series
Fig. 7 Recommended IR-reflow Soldering Profile (acc. To IPC 9501).
Fig. 8 Recommended TTW Soldering Profile (acc. to CECC 00802).
V.2 Page: 5 of 6
AMERICAN BRIGHT OPTOELECTRONICS CORP.
DOMILED Black Surface BL-PDx-xJB Series
*
Taping And Orientation:
Reels come in quantity of 8000 units or 2000 units. Reel diameters are 330 mm and 180 mm respectively.
V.2 Page: 6 of 6


▲Up To Search▲   

 
Price & Availability of BL-PDR-SJB-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X